PART |
Description |
Maker |
HD404448 |
4-bit HMCS400-Series microcomputer(4浣????井璁$???
|
Hitachi,Ltd.
|
HD407A4369F HD407A4369H HD407A4369S HD404369 HD40A |
4-bit HMCS400-Series microcomputer From old datasheet system
|
HITACHI[Hitachi Semiconductor]
|
HD404052 HD404094 |
(HD404054 / HD404094) HMCS400-series microcomputers designed to increase program productivity
|
Hitachi Semiconductor
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FST162861MTDXNL FST162861_05 FST162861 FST162861MT |
20-Bit Bus Switch with 25W Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 20-Bit Bus Switch with 25ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
CD4094BFX CD4017BD3A CD40109BEX CD40109BD CD4556BF |
4000/14000/40000 SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 10-BIT UP RING COUNTER, CDIP16 DIP-16 4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDIP16 4000/14000/40000 SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP16 4000/14000/40000 SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT DOWN BINARY COUNTER, CDIP16 HEX TTL/CMOS TO CMOS TRANSLATOR, CDIP16 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, CDIP16 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, CDIP16 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 7-BIT UP BINARY COUNTER, CDIP14 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 4000/14000/40000 SERIES, 8 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
74ACTQ16540 74ACTQ16540MTD 74ACTQ16540SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-TSSOP -40 to 85 ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 Dual 8-Bit Buffer/Driver ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
H8/36900 H8/36902F H8/36901 H8/36912F HD64F36902G |
16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series 16位单片机H8 Family/H8/300H Tiny系列 (HD64xxx Series) 16-BIT MICROCONTROLLER
|
http:// Renesas Electronics, Corp. Renesas Electronics Corporation.
|
HCTS85MS02 HCTS85MS HCTS85DMSR HCTS85K/SAMPLE |
HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDFP16 HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDIP16 Radiation Hardened 4-Bit Magnitude Comparator Comparator, Digital, Magnitude, 4-Bit, TTL Inputs, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil Corporation
|
|